Part Number Hot Search : 
G8550 N06LG A1702 87C511 BD2240G STK419 MGB83D ANS1N45
Product Description
Full Text Search
 

To Download NT3980 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NT3980
TFT LCD Source Driver
Features n Output: 384 output channels n 8-bit resolution /256 gray scales n Dot inversion with polarity control n V1 ~ V10 for adjusting Gamma correction n Power for analog circuit: 7 ~ 10V n Output dynamic range: 0.1V ~ AVDD-0.1 n Power consumption of analog circuit: 6mA n Operating frequency: 70MHz(Vcc:3.0V~3.6V) 45MHz(Vcc:2.5V~3.0V) n Output deviation: 2mv n Data inversion for reducing EMI n Cascade function with bi-direction shift control n CMOS silicon gate ( p-type substrate ) n TCP package
General Description The NT3980 is a data driver IC for a color TFT LCD panel, XGA and SXGA applications. It receives 8 bit per-pixel digital display data,and generates output voltage for 256 grayscales ,enabling a maximum of 16.77M display colors . For better performance, dot inversion and a wide range voltage output, 10V, are designed in this chip, and for reducing EMI, data inversion control is www..com used. This chip supplies 10 sections of voltage -reference for Gamma correction.
Block diagram
OUT1 OUT2 OUT3 OUT384 OUT383
Out Driver Buffer ( 384 channels )
V1 ~ V10
10
Digital to Analog Converter
8 8 8 8 8
POL
REV1 REV2
D00 ~ D07 D10 ~ D17 D20 ~ D27 D30 ~ D37 D40 ~ D47 D50 ~ D57
Level Shift
8 8 8 8 8 8
1 64
8
8
8
8
8
48 Decoder
Line Latch ( 384 X 8 bits X 2 )
LD
DIO1
64 Shift Registers
DIO2
Vcc
GND
AVDD
AVSS
CLK
SHL
Version 1.0
1
October 16, 2001
NT3980 TFT LCD Source Driver
NT3980 TCP ( Top view )
DIO2 D57 D56 D55 D54 D53 D52 D51 D50 D47 D46 D45 D44 D43 D42 D41 D40 D37 D36 D35 D34 D33 D32 D31 D30 Vcc SHL V10 V9 V8 V7 V6 AVDD AVSS V5 V4 V3 V2 V1 GND NC CLK LD POL REV1 REV2 D27 D26 D25 D24 D23 D22 D21 D20 D17 D16 D15 D14 D13 D12 D11 D10 D07 D06 D05 D04 D03 D02 D01 D00 DIO1
OUT384 OUT383 OUT382 OUT381 OUT380
www..com
NT3980
OUT5 OUT4 OUT3 OUT2 OUT1
Version 1.0
2
October 16, 2001
NT3980 TFT LCD Source Driver
Pin Description Designation D07 ~ D00 D17 ~ D10 D27 ~ D20 D37 ~ D30 D47 ~ D40 D57 ~ D50 REV1 REV2 V1 ~ V10 OUT1 ~ OUT384 SHL I/O I Description Data input. For six 8-bit data,2 pixels, of color data (R, G, B) DX7 : MSB; DX0 : LSB
I
I O I
Controls whether data are inverted or not. When "REVx"=1 the data will be inverted. EX. "00" a " FF", "07"a " F8", "15"a "EA", and so on. REV1: control D0x to D2x ,REV2: control D3x to D5x . (These two pins can be connected together on TCP.) Gamma correction reference voltage. The voltage of these pins must be AVSS< V10< V9< V8DIO1 DIO2
LD
CLK
Selects left or right shift; SHL="1" : DIO1 /OUT1,2,3,4,5,6/OUT7,8,9,10,11,12--/OUT379,380,381,382,383,384= DIO2 SHL="0" : DIO1=OUT1,2,3,4,5,6oOUT7,8,9,10,11,12o-- OUT379,380,381,382,383,384oDIO2 SHL DIO1 DIO2 SHIFT 1 Input Output Right 0 Output Input Left I/O Start pulse signal input/output When SHL is applied high (SHL="1"), a start high-pulse on DIO1 is latched at the rising edge of the CLK. Then the data are latched serially onto internal latches at the rising edge of the CLK. After all line latches are filled with data, 64 clocks , a pulse is shifted out through the DIO2 pin at the rising edge of the CLK. This function can cascade two or more devices for dot expansion. In normal applications, the DIO2 signal of the first device is connected to the DIO1 of the second stage, the www..com DIO2 of the second one is connected to the DIO1 of the third, and so on, like a daisy chain. In contrast, when SHL is applied low, a start pulse inputs on DIO2, and a pulse outputs through DIO1. *Remark : The input pulse-width of DIO1/2 may exceed 1 clock-cycle. I Latches the polarity of outputs and switches the new data to outputs. 1.At the rising edge, the pin latches the "POL" signal to control the polarity of the outputs. 2.This pin also controls the switch of the line registers that switches the new incoming data to outputs. *Remark: The LD may switch the new data to outputs at anytime even if the line data are not completely full. I Clock input; latching data onto the line latches at the rising edge . After a start pulse input, display data latching is halted automatically after 64 clock cycles. *Remark: At least one CLK cycle is necessary during the high -level period of LD. I Polarity selector for the dot-inversion control. Available at the rising edge of LD. "POL" value is latched at the rising edge of "LD" to control the polarity of the even or odd outputs. "POL=1" indicates that even outputs are of positive polarity with a voltage range from V1~V5, and odd outputs are of negative polarity with a voltage range from V6 to V10. On the other hand, if LD receives low level "POL", even outputs are of negative polarity and odd outputs are of positive polarity. POL=1: Even outputs range from V1 ~ V5 Odd outputs range from V6 ~ V10 POL=0: Even outputs range from V6 ~ V10 Odd outputs range from V1 ~ V5 Power supply for analog circuit; Ground pin for analog circuit Power supply for digital circuit Ground pin for digital circuit
POL
AVDD AVSS Vcc GND
I I I I
Version 1.0
3
October 16, 2001
NT3980 TFT LCD Source Driver
Power on/off sequence:
This IC is a high-voltage LCD driver, so it may be damaged by a large current flow when an incorrect power sequence is used. The recommended connection sequence is to first connect the logical power, Vcc & GND and then connect the drive power, AVDD&AVSS with V1~V10. When shutting off the power, first shut off the drive power and then the logic system, or turn off all power simultaneously. Relationship between the order of input data and output channels (1) SHL="1", shift right, a start pulse from DIO1 Output OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 Order First data Data D07~D00 D17~D10 D27~D20 D37~D30 D47~D40 D57~D50 (2) SHL="0" , shift left, a start pulse from DIO2 Output OUT379 OUT380 OUT381 OUT382 OUT383 OUT384 Order First data Data D07~D00 D17~D10 D27~D20 D37~D30 D47~D40 D57~D50
- ---a - --
OUT384 Last data D57~D50
- ---a - --
OUT6 Last data D57~D50
Relationship between input data and output voltage The figure below shows the relationship among the input data and the output voltage and the polarity. The range of V1~V5 is for positive polarity, and V6 ~ V10 for negative polarity. Please refer to the following page to get the relative resistors value and voltage calculation method.
Gamma correction diagram Vout AVDD V1
www..com
V2 V3 V4 V5 Vcom V6 V7 V8 Negative polarity V9 Positive polarity
V10 AVSS 00 31 63 95 127 159 191 223 255 Input Data
Remark : AVDD-0.1>V1>V2>V3>V4>V5>AVDD/2; AVDD/2>V6>V7>V8>V9>V10>0.1
Version 1.0
4
October 16, 2001
NT3980 TFT LCD Source Driver
Gamma correction resistor
V1,V10 NAME R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 R16 R17 R18 R19 R20 R21 R22 R23 R24 R25 R26 R27 R28 R29 R30 R31 R32 R33 2880 ohm R34 R35 R36 R37 R38 R39 R40 R41 R42 R43 R44 R45 R46 R47 R48 R49 R50 R51 R52 R53 R54 R55 R56 R57 R58 R59 R60 R61 R62 R63 Resistor 210 210 150 150 110 110 80 80 80 80 80 80 50 50 50 50 40 40 40 40 40 40 40 40 30 30 30 30 30 30 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 NAME R64 R65 R66 R67 R68 R69 R70 R71 R72 R73 R74 R75 R76 R77 R78 R79 R80 R81 R82 R83 R84 R85 R86 R87 R88 R89 R90 R91 R92 R93 R94 R95 R96 R97 640 ohm R98 R99 R100 R101 R102 R103 R104 R105 R106 R107 R108 R109 R110 R111 R112 R113 R114 R115 R116 R117 R118 R119 R120 R121 R122 R123 R124 R125 R126 R127 V2,V9 Resistor V3,V8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 www..com 10 10 10 10 10 640 ohm 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 NAME R128 R129 R130 R131 R132 R133 R134 R135 R136 R137 R138 R139 R140 R141 R142 R143 R144 R145 R146 R147 R148 R149 R150 R151 R152 R153 R154 R155 R156 R157 R158 R159 R160 R161 R162 R163 R164 R165 R166 R167 R168 R169 R170 R171 R172 R173 R174 R175 R176 R177 R178 R179 R180 R181 R182 R183 R184 R185 R186 R187 R188 R189 R190 R191 Resistor V4,V7 NAME 10 R192 10 R193 10 R194 10 R195 10 R196 10 R197 10 R198 10 R199 10 R200 10 R201 10 R202 10 R203 10 R204 10 R205 10 R206 10 R207 10 R208 10 R209 10 R210 10 R211 10 R212 10 R213 10 R214 10 R215 10 R216 10 R217 10 R218 10 R219 10 R220 10 R221 10 R222 10 R223 10 R224 10 R225 10 1910 ohm R226 10 R227 10 R228 10 R229 10 R230 10 R231 10 R232 10 R233 10 R234 10 R235 10 R236 10 R237 10 R238 10 R239 10 R240 10 R241 10 R242 10 R243 10 R244 10 R245 10 R246 10 R247 10 R248 10 R249 10 R250 10 R251 10 R252 10 R253 10 R254 V5,V6 10 Resistor 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 30 30 30 30 30 30 30 30 40 40 40 50 50 80 100 130 190 290
Version 1.0
5
October 16, 2001
NT3980 TFT LCD Source Driver
Output Voltage VS Input Data
Data(h) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 Positive polarity Output Voltage Negative polarity Output Voltage V1 V10 V2 + ( V1 - V2) X 267/288 V10 + ( V 9 - V10) X 21/288 V2 + ( V1 - V2) X 246/288 V10 + ( V 9 - V10) X 42/288 V2 + ( V1 - V2) X 231/288 V10 + ( V 9 - V10) X 57/288 V2 + ( V1 - V2) X 216/288 V10 + ( V 9 - V10) X 72/288 V2 + ( V1 - V2) X 205/288 V10 + ( V 9 - V10) X 83/288 V2 + ( V1 - V2) X 194/288 V10 + ( V 9 - V10) X 94/288 V2 + ( V1 - V2) X 186/288 V10 + ( V 9 - V10) X 102/288 V2 + ( V1 - V2) X 178/288 V10 + ( V 9 - V10) X 110/288 V2 + ( V1 - V2) X 170/288 V10 + ( V 9 - V10) X 118/288 V2 + ( V1 - V2) X 162/288 V10 + ( V 9 - V10) X 126/288 V2 + ( V1 - V2) X 154/288 V10 + ( V 9 - V10) X 134/288 V2 + ( V1 - V2) X 146/288 V10 + ( V 9 - V10) X 142/288 V2 + ( V1 - V2) X 141/288 V10 + ( V 9 - V10) X 147/288 V2 + ( V1 - V2) X 136/288 V10 + ( V 9 - V10) X 152/288 V2 + ( V1 - V2) X 131/288 V10 + ( V 9 - V10) X 157/288 V2 + ( V1 - V2) X 126/288 V10 + ( V 9 - V10) X 162/288 V2 + ( V1 - V2) X 122/288 V10 + ( V 9 - V10) X 166/288 V2 + ( V1 - V2) X 118/288 V10 + ( V 9 - V10) X 170/288 V2 + ( V1 - V2) X 114/288 V10 + ( V 9 - V10) X 174/288 V2 + ( V1 - V2) X 110/288 V10 + ( V 9 - V10) X 178/288 V2 + ( V1 - V2) X 106/288 V10 + ( V 9 - V10) X 182/288 V2 + ( V1 - V2) X 102/288 V10 + ( V 9 - V10) X 186/288 V2 + ( V1 - V2) X 98/288 V10 + ( V 9 - V10) X 190/288 V2 + ( V1 - V2) X 94/288 V10 + ( V 9 - V10) X 194/288 V2 + ( V1 - V2) X 91/288 V10 + ( V 9 - V10) X 197/288 V2 + ( V1 - V2) X 88/288 V10 + ( V 9 - V10) X 200/288 V2 + ( V1 - V2) X 85/288 V10 + ( V 9 - V10) X 203/288 V2 + ( V1 - V2) X 82/288 V10 + ( V 9 - V10) X 206/288 www..com V2 + ( V1 - V2) X 79/288 V10 + ( V 9 - V10) X 209/288 V2 + ( V1 - V2) X 76/288 V10 + ( V 9 - V10) X 212/288 V2 + ( V1 - V2) X 73/288 V10 + ( V 9 - V10) X 215/288 V2 + ( V1 - V2) X 70/288 V10 + ( V 9 - V10) X 218/288 V2 + ( V1 - V2) X 67/288 V10 + ( V 9 - V10) X 221/288 V2 + ( V1 - V2) X 64/288 V10 + ( V 9 - V10) X 224/288 V2 + ( V1 - V2) X 61/288 V10 + ( V 9 - V10) X 227/288 V2 + ( V1 - V2) X 58/288 V10 + ( V 9 - V10) X 230/288 V2 + ( V1 - V2) X 55/288 V10 + ( V 9 - V10) X 233/288 V2 + ( V1 - V2) X 52/288 V10 + ( V 9 - V10) X 236/288 V2 + ( V1 - V2) X 50/288 V10 + ( V 9 - V10) X 238/288 V2 + ( V1 - V2) X 48/288 V10 + ( V 9 - V10) X 240/288 V2 + ( V1 - V2) X 46/288 V10 + ( V 9 - V10) X 242/288 V2 + ( V1 - V2) X 44/288 V10 + ( V 9 - V10) X 244/288 V2 + ( V1 - V2) X 42/288 V10 + ( V 9 - V10) X 246/288 V2 + ( V1 - V2) X 40/288 V10 + ( V 9 - V10) X 248/288 V2 + ( V1 - V2) X 38/288 V10 + ( V 9 - V10) X 250/288 V2 + ( V1 - V2) X 36/288 V10 + ( V 9 - V10) X 252/288 V2 + ( V1 - V2) X 34/288 V10 + ( V 9 - V10) X 254/288 V2 + ( V1 - V2) X 32/288 V10 + ( V 9 - V10) X 256/288 V2 + ( V1 - V2) X 30/288 V10 + ( V 9 - V10) X 258/288 V2 + ( V1 - V2) X 28/288 V10 + ( V 9 - V10) X 260/288 V2 + ( V1 - V2) X 26/288 V10 + ( V 9 - V10) X 262/288 V2 + ( V1 - V2) X 24/288 V10 + ( V 9 - V10) X 264/288 V2 + ( V1 - V2) X 22/288 V10 + ( V 9 - V10) X 266/288 V2 + ( V1 - V2) X 20/288 V10 + ( V 9 - V10) X 268/288 V2 + ( V1 - V2) X 18/288 V10 + ( V 9 - V10) X 270/288 V2 + ( V1 - V2) X 16/288 V10 + ( V 9 - V10) X 272/288 V2 + ( V1 - V2) X 14/288 V10 + ( V 9 - V10) X 274/288 V2 + ( V1 - V2) X 12/288 V10 + ( V 9 - V10) X 276/288 V2 + ( V1 - V2) X 10/288 V10 + ( V 9 - V10) X 278/288 V2 + ( V1 - V2) X 8/288 V10 + ( V 9 - V10) X 280/288 V2 + ( V1 - V2) X 6/288 V10 + ( V 9 - V10) X 282/288 V2 + ( V1 - V2) X 4/288 V10 + ( V 9 - V10) X 284/288 V2 + ( V1 - V2) X 2/288 V10 + ( V 9 - V10) X 286/288
Version 1.0
6
October 16, 2001
NT3980 TFT LCD Source Driver
Output Voltage VS Input Data
Data(h) 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 Positive polarity Output Voltage Negative polarity Output Voltage V2 V9 V3+(V2-V3) X 63/64 V9+(V8-V9) X 1/64 V3+(V2-V3) X 62/64 V9+(V8-V9) X 2/64 V3+(V2-V3) X 61/64 V9+(V8-V9) X 3/64 V3+(V2-V3) X 60/64 V9+(V8-V9) X 4/64 V3+(V2-V3) X 59/64 V9+(V8-V9) X 5/64 V3+(V2-V3) X 58/64 V9+(V8-V9) X 6/64 V3+(V2-V3) X 57/64 V9+(V8-V9) X 7/64 V3+(V2-V3) X 56/64 V9+(V8-V9) X 8/64 V3+(V2-V3) X 55/64 V9+(V8-V9) X 9/64 V3+(V2-V3) X 54/64 V9+(V8-V9) X 10/64 V3+(V2-V3) X 53/64 V9+(V8-V9) X 11/64 V3+(V2-V3) X 52/64 V9+(V8-V9) X 12/64 V3+(V2-V3) X 51/64 V9+(V8-V9) X 13/64 V3+(V2-V3) X 50/64 V9+(V8-V9) X 14/64 V3+(V2-V3) X 49/64 V9+(V8-V9) X 15/64 V3+(V2-V3) X 48/64 V9+(V8-V9) X 16/64 V3+(V2-V3) X 47/64 V9+(V8-V9) X 17/64 V3+(V2-V3) X 46/64 V9+(V8-V9) X 18/64 V3+(V2-V3) X 45/64 V9+(V8-V9) X 19/64 V3+(V2-V3) X 44/64 V9+(V8-V9) X 20/64 V3+(V2-V3) X 43/64 V9+(V8-V9) X 21/64 V3+(V2-V3) X 42/64 V9+(V8-V9) X 22/64 V3+(V2-V3) X 41/64 V9+(V8-V9) X 23/64 V3+(V2-V3) X 40/64 V9+(V8-V9) X 24/64 V3+(V2-V3) X 39/64 V9+(V8-V9) X 25/64 V3+(V2-V3) X 38/64 V9+(V8-V9) X 26/64 V3+(V2-V3) X 37/64 V9+(V8-V9) X 27/64 V3+(V2-V3) X 36/64 V9+(V8-V9) X 28/64 www..com V3+(V2-V3) X 35/64 V9+(V8-V9) X 29/64 V3+(V2-V3) X 34/64 V9+(V8-V9) X 30/64 V3+(V2-V3) X 33/64 V9+(V8-V9) X 31/64 V3+(V2-V3) X 32/64 V9+(V8-V9) X 32/64 V3+(V2-V3) X 31/64 V9+(V8-V9) X 33/64 V3+(V2-V3) X 30/64 V9+(V8-V9) X 34/64 V3+(V2-V3) X 29/64 V9+(V8-V9) X 35/64 V3+(V2-V3) X 28/64 V9+(V8-V9) X 36/64 V3+(V2-V3) X 27/64 V9+(V8-V9) X 37/64 V3+(V2-V3) X 26/64 V9+(V8-V9) X 38/64 V3+(V2-V3) X 25/64 V9+(V8-V9) X 39/64 V3+(V2-V3) X 24/64 V9+(V8-V9) X 40/64 V3+(V2-V3) X 23/64 V9+(V8-V9) X 41/64 V3+(V2-V3) X 22/64 V9+(V8-V9) X 42/64 V3+(V2-V3) X 21/64 V9+(V8-V9) X 43/64 V3+(V2-V3) X 20/64 V9+(V8-V9) X 44/64 V3+(V2-V3) X 19/64 V9+(V8-V9) X 45/64 V3+(V2-V3) X 18/64 V9+(V8-V9) X 46/64 V3+(V2-V3) X 17/64 V9+(V8-V9) X 47/64 V3+(V2-V3) X 16/64 V9+(V8-V9) X 48/64 V3+(V2-V3) X 15/64 V9+(V8-V9) X 49/64 V3+(V2-V3) X 14/64 V9+(V8-V9) X 50/64 V3+(V2-V3) X 13/64 V9+(V8-V9) X 51/64 V3+(V2-V3) X 12/64 V9+(V8-V9) X 52/64 V3+(V2-V3) X 11/64 V9+(V8-V9) X 53/64 V3+(V2-V3) X 10/64 V9+(V8-V9) X 54/64 V3+(V2-V3) X 9/64 V9+(V8-V9) X 55/64 V3+(V2-V3) X 8/64 V9+(V8-V9) X 56/64 V3+(V2-V3) X 7/64 V9+(V8-V9) X 57/64 V3+(V2-V3) X 6/64 V9+(V8-V9) X 58/64 V3+(V2-V3) X 5/64 V9+(V8-V9) X 59/64 V3+(V2-V3) X 4/64 V9+(V8-V9) X 60/64 V3+(V2-V3) X 3/64 V9+(V8-V9) X 61/64 V3+(V2-V3) X 2/64 V9+(V8-V9) X 62/64 V3+(V2-V3) X 1/64 V9+(V8-V9) X 63/64
Version 1.0
7
October 16, 2001
NT3980 TFT LCD Source Driver
Output Voltage VS Input Data
Data(h) 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 Positive polarity Output Voltage Negative polarity Output Voltage V3 V8 V4+(V3-V4) X 63/64 V8+(V7-V8) X 1/64 V4+(V3-V4) X 62/64 V8+(V7-V8) X 2/64 V4+(V3-V4) X 61/64 V8+(V7-V8) X 3/64 V4+(V3-V4) X 60/64 V8+(V7-V8) X 4/64 V4+(V3-V4) X 59/64 V8+(V7-V8) X 5/64 V4+(V3-V4) X 58/64 V8+(V7-V8) X 6/64 V4+(V3-V4) X 57/64 V8+(V7-V8) X 7/64 V4+(V3-V4) X 56/64 V8+(V7-V8) X 8/64 V4+(V3-V4) X 55/64 V8+(V7-V8) X 9/64 V4+(V3-V4) X 54/64 V8+(V7-V8) X 10/64 V4+(V3-V4) X 53/64 V8+(V7-V8) X 11/64 V4+(V3-V4) X 52/64 V8+(V7-V8) X 12/64 V4+(V3-V4) X 51/64 V8+(V7-V8) X 13/64 V4+(V3-V4) X 50/64 V8+(V7-V8) X 14/64 V4+(V3-V4) X 49/64 V8+(V7-V8) X 15/64 V4+(V3-V4) X 48/64 V8+(V7-V8) X 16/64 V4+(V3-V4) X 47/64 V8+(V7-V8) X 17/64 V4+(V3-V4) X 46/64 V8+(V7-V8) X 18/64 V4+(V3-V4) X 45/64 V8+(V7-V8) X 19/64 V4+(V3-V4) X 44/64 V8+(V7-V8) X 20/64 V4+(V3-V4) X 43/64 V8+(V7-V8) X 21/64 V4+(V3-V4) X 42/64 V8+(V7-V8) X 22/64 V4+(V3-V4) X 41/64 V8+(V7-V8) X 23/64 V4+(V3-V4) X 40/64 V8+(V7-V8) X 24/64 V4+(V3-V4) X 39/64 V8+(V7-V8) X 25/64 V4+(V3-V4) X 38/64 V8+(V7-V8) X 26/64 V4+(V3-V4) X 37/64 V8+(V7-V8) X 27/64 V4+(V3-V4) X 36/64 V8+(V7-V8) X 28/64 www..com V4+(V3-V4) X 35/64 V8+(V7-V8) X 29/64 V4+(V3-V4) X 34/64 V8+(V7-V8) X 30/64 V4+(V3-V4) X 33/64 V8+(V7-V8) X 31/64 V4+(V3-V4) X 32/64 V8+(V7-V8) X 32/64 V4+(V3-V4) X 31/64 V8+(V7-V8) X 33/64 V4+(V3-V4) X 30/64 V8+(V7-V8) X 34/64 V4+(V3-V4) X 29/64 V8+(V7-V8) X 35/64 V4+(V3-V4) X 28/64 V8+(V7-V8) X 36/64 V4+(V3-V4) X 27/64 V8+(V7-V8) X 37/64 V4+(V3-V4) X 26/64 V8+(V7-V8) X 38/64 V4+(V3-V4) X 25/64 V8+(V7-V8) X 39/64 V4+(V3-V4) X 24/64 V8+(V7-V8) X 40/64 V4+(V3-V4) X 23/64 V8+(V7-V8) X 41/64 V4+(V3-V4) X 22/64 V8+(V7-V8) X 42/64 V4+(V3-V4) X 21/64 V8+(V7-V8) X 43/64 V4+(V3-V4) X 20/64 V8+(V7-V8) X 44/64 V4+(V3-V4) X 19/64 V8+(V7-V8) X 45/64 V4+(V3-V4) X 18/64 V8+(V7-V8) X 46/64 V4+(V3-V4) X 17/64 V8+(V7-V8) X 47/64 V4+(V3-V4) X 16/64 V8+(V7-V8) X 48/64 V4+(V3-V4) X 15/64 V8+(V7-V8) X 49/64 V4+(V3-V4) X 14/64 V8+(V7-V8) X 50/64 V4+(V3-V4) X 13/64 V8+(V7-V8) X 51/64 V4+(V3-V4) X 12/64 V8+(V7-V8) X 52/64 V4+(V3-V4) X 11/64 V8+(V7-V8) X 53/64 V4+(V3-V4) X 10/64 V8+(V7-V8) X 54/64 V4+(V3-V4) X 9/64 V8+(V7-V8) X 55/64 V4+(V3-V4) X 8/64 V8+(V7-V8) X 56/64 V4+(V3-V4) X 7/64 V8+(V7-V8) X 57/64 V4+(V3-V4) X 6/64 V8+(V7-V8) X 58/64 V4+(V3-V4) X 5/64 V8+(V7-V8) X 59/64 V4+(V3-V4) X 4/64 V8+(V7-V8) X 60/64 V4+(V3-V4) X 3/64 V8+(V7-V8) X 61/64 V4+(V3-V4) X 2/64 V8+(V7-V8) X 62/64 V4+(V3-V4) X 1/64 V8+(V7-V8) X 63/64
Version 1.0
8
October 16, 2001
NT3980 TFT LCD Source Driver
Output Voltage VS Input Data
Data(h) 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 Positive polarity Output Voltage Negative polarity Output Voltage V4 V7 V5+(V4-V5) X 190/191 V7+(V6-V7) X 1/191 V5+(V4-V5) X 189/191 V7+(V6-V7) X 2/191 V5+(V4-V5) X 188/191 V7+(V6-V7) X 3/191 V5+(V 4-V5) X 187/191 V7+(V6-V7) X 4/191 V5+(V4-V5) X 186/191 V7+(V6-V7) X 5/191 V5+(V4-V5) X 185/191 V7+(V6-V7) X 6/191 V5+(V4-V5) X 184/191 V7+(V6-V7) X 7/191 V5+(V4-V5) X 183/191 V7+(V6-V7) X 8/191 V5+(V4-V5) X 182/191 V7+(V6-V7) X 9/191 V5+(V4-V5) X 181/191 V7+(V6-V7) X 10/191 V5+(V4-V5) X 180/191 V7+(V6-V7) X 11/191 V5+(V4-V5) X 179/191 V7+(V6-V7) X 12/191 V5+(V4-V5) X 178/191 V7+(V6-V7) X 13/191 V5+(V4-V5) X 177/191 V7+(V6-V7) X 14/191 V5+(V4-V5) X 176/191 V7+(V6-V7) X 15/191 V5+(V4-V5) X 175/191 V7+(V6-V7) X 16/191 V5+(V4-V5) X 174/191 V7+(V6-V7) X 17/191 V5+(V4-V5) X 173/191 V7+(V6-V7) X 18/191 V5+(V4-V5) X 172/191 V7+(V6-V7) X 19/191 V5+(V4-V5) X 171/191 V7+(V6-V7) X 20/191 V5+(V4-V5) X 170/191 V7+(V6-V7) X 21/191 V5+(V4-V5) X 169/191 V7+(V6-V7) X 22/191 V5+(V4-V5) X 168/191 V7+(V6-V7) X 23/191 V5+(V4-V5) X 167/191 V7+(V6-V7) X 24/191 V5+(V4-V5) X 165/191 V7+(V6-V7) X 26/191 V5+(V4-V5) X 163/191 V7+(V6-V7) X 28/191 V5+(V4-V5) X 161/191 V7+(V6-V7) X 30/191 V5+(V4-V5) X 159/191 V7+(V6-V7) X 32/191 www..com V5+(V4-V5) X 157/191 V7+(V6-V7) X 34/191 V5+(V4-V5) X 155/191 V7+(V6-V7) X 36/191 V5+(V4-V5) X 153/191 V7+(V6-V7) X 38/191 V5+(V4-V5) X 151/191 V7+(V6-V7) X 40/191 V5+(V4-V5) X 149/191 V7+(V6-V7) X 42/191 V5+(V4-V5) X 147/191 V7+(V6-V7) X 44/191 V5+(V4-V5) X 145/191 V7+(V6-V7) X 46/191 V5+(V4-V5) X 143/191 V7+(V6-V7) X 48/191 V5+(V4-V5) X 141/191 V7+(V6-V7) X 50/191 V5+(V4-V5) X 139/191 V7+(V6-V7) X 52/191 V5+(V4-V5) X 137/191 V7+(V6-V7) X 54/191 V5+(V 4-V5) X 135/191 V7+(V6-V7) X 56/191 V5+(V4-V5) X 133/191 V7+(V6-V7) X 58/191 V5+(V4-V5) X 131/191 V7+(V6-V7) X 60/191 V5+(V4-V5) X 129/191 V7+(V6-V7) X 62/191 V5+(V4-V5) X 127/191 V7+(V6-V7) X 64/191 V5+(V4-V5) X 125/191 V7+(V6-V7) X 66/191 V5+(V4-V5) X 122/191 V7+(V6-V7) X 69/191 V5+(V4-V5) X 119/191 V7+(V6-V7) X 72/191 V5+(V4-V5) X 116/191 V7+(V6-V7) X 75/191 V5+(V4-V5) X 113/191 V7+(V6-V7) X 78/191 V5+(V4-V5) X 110/191 V7+(V6-V7) X 81/191 V5+(V4-V5) X 107/191 V7+(V6-V7) X 84/191 V5+(V4-V5) X 104/191 V7+(V6-V7) X 87/191 V5+(V4-V5) X 101/191 V7+(V6-V7) X 90/191 V5+(V4-V5) X 97/191 V7+(V6-V7) X 94/191 V5+(V4-V5) X 93/191 V7+(V6-V7) X 98/191 V5+(V4-V5) X 89/191 V7+(V6-V7) X 102/191 V5+(V4-V5) X 84/191 V7+(V6-V7) X 107/191 V5+(V4-V5) X 79/191 V7+(V6-V7) X 112/191 V5+(V4-V5) X 71/191 V7+(V6-V7) X 120/191 V5+(V4-V5) X 61/191 V7+(V6-V7) X 130/191 V5+(V4-V5) X 48/191 V7+(V6-V7) X 143/191 V5+(V4-V5) X 29/191 V7+(V6-V7) X 162/191 V5 V6
Version 1.0
9
October 16, 2001
NT3980 TFT LCD Source Driver
Absolute Maximum Ratings*
Supply voltage, Vcc Supply voltage, AVDD Input voltage, V1~ V10 Input range(digital inputs) Storage temperature Operating temperature -0.3V to 5V -0.3V to +12V -0.3 to AVDD+0.3 -0.3 to Vcc+0.3 -55J to 110J -30J to 75J
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only. Functional operation of this device at these or under any other conditions above those indicated in the operational sections of this specification are not implied and exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics (Vcc =3.3V , AV DD=10V, AVSS=GND=0V, TA= -30J~ 75 J)
(For the digital circuit)
Parameter Supply Voltage Low Level Input Voltage High Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Gamma correction Current Digital Operating Current Symbol Min. Vcc 2.5 Vil 0 Vih 0.7xVcc Voh 0.7xVcc Vol -Ii -1 Iref -Icc Typ. -800 3 Max. 3.6 0.3xVcc Vcc -0.3Vcc 1 1000 6 Unit V V V V V A A mA Conditions Digital power For the digital circuit For the digital circuit DIO1(O), DIO2(O), Ioh=-0.4mA DIO1(O), DIO2(O), Iol=0.4mA For LD,CLK,SHL,Dxx,POL,REV1/2,DIO1/2 For V1-V5=4.75V or V6-V10=4.75V Vcc=3.6V, AVDD=9.5V,fld=50kHz,fclk=45MHz No load
(For the analog circuit)
Parameter Supply Voltage Input level of V1 ~ V5 Input level of V6 ~ V10 Output Voltage Deviation Average output voltage dispersion Dynamic Range of Output Low-Level Output Current High-Level Output Current Analog Operating Current Input capacitance1 Input capacitance2 Symbol AVDD Vref Vref Vvd Vod Vdr IOL IOH IDD C1 C2 Min. 7.0 AVDD/2 0.1 ---0.1 -150 150 ---
www..com
Typ. -6 2 5 -300 300 6 5 10
Max. 10 AVDD-0.1 AVDD/2 12 5 10 AVDD-0.1 12 10 15
Unit V V V mV mV mV V A A mA pF pF
Conditions For the analog circuit power Gamma correction voltage Gamma correction voltage Input data `without' offset cancellation Input data `with' offset cancellation (Note1) OUT1 ~ OUT384,input data 00 to FF. OUT1 ~ OUT384 OUT1 ~ OUT384; Vo=0.1V V.S 1.0V OUT1 ~ OUT384; Vo=9.9V V.S 9V Vcc=3.6V,AVDD=9.5V,fld=50kHz,fclk=45MHz No load For Input pins ,except DIO1,DIO2 For DIO1,DIO2
(Note 1) This chip needs 253 CLK cycles to use its 'offset cancellation' function to get a precision output voltage. Please refer to the timing chart below :
LD
1 2 3 4 5 252 253 254
CLK
Outputs
Finish 'offset cancellation'
Version 1.0
10
October 16, 2001
NT3980 TFT LCD Source Driver
AC Electrical Characteristics 1(Vcc =3.0V , AVDD=10V, AVSS=GND=0V, TA= -30 ~ 75J,Tr=Tf=2ns) Parameter Symbol Min. Typ. Max. Unit Conditions CLK frequency Fclk 45 70 MHz Vcc=3.0~3.6V CLK period cycle Tcph 14 ns CLK pulse width Tcw 4 ns Data set-up time Tsu 2 ns D00 ~ D57, REV to CLK Data hold time Thd 2 ns D00 ~ D57, REV to CLK Start pulse setup time Tss 2 --ns DIO1,DIO2 to CLK Start pulse hold time Tsh 2 --ns DIO1,DIO2 to CLK LD high-level width Tld 1 --us Propagation delay of DIO2/1 Tplh 6 -12 ns CL=25pF ( Output ) Time that the last data to LD Tldt 1 Tcph Time that LD to DIO1/2(In) Tlds 2 Tcph POL set-up time Tpsu 5 ns POL to LD POL hold time Tphd 5 ns POL to LD Output stable time Tst 4 6 us Final value precision below 30mV, CL=150pF,R=5k ohm ,AVDD=10V Slew rate of outputs Tsr 3 5 V/us 5% to 95% at 10V swing, CL=150pF,R=5k ohm Output loading CL pF 150 AC Electrical Characteristics 2(Vcc =2.5V , AVDD=10V, AVSS=GND=0V, TA= -30~75J,Tr=Tf=3ns) Parameter CLK frequency CLK period cycle CLK pulse width Data set-up time Data hold time Start pulse setup time Start pulse hold time LD high-level width Propagation delay of DIO2/1 Time that the last data to LD Time that LD to DIO1/2(In) POL set-up time POL hold time Output stable time Slew rate of outputs Output loading Symbol Fclk Tcph Tcw Tsu Thd Tss Tsh Tld Tplh Tldt Tlds Tpsu Tphd Tst Tsr CL Min. 22 7 4 4 4 4 1 6 1 2 5 5 3 Typ. Max. 35 45 www..com -------18 4 6 5 Unit MHz ns ns ns ns ns ns us ns Tcph Tcph ns ns us V/us pF Conditions Vcc=2.5~3.0V
D00 ~ D57, REV to CLK D00 ~ D57, REV to CLK DIO1,DIO2 to CLK DIO1,DIO2 to CLK CL=25pF ( Output )
POL to LD POL to LD Final value precision below 30mV, CL=150pF,R=5k ohm ,AVDD=10V 5% to 95% at 10V swing, CL=150pF,R=5k ohm
150
Version 1.0
11
October 16, 2001
NT3980 TFT LCD Source Driver
Timing Diagram
Tr 0.8Vcc Tf
Tcph CLK
0.2Vcc
0 Tsh
0.5Vcc
1 Tcw
0.7Vcc 0.3Vcc
2
63
64
Tss DIO1/2 ( Input )
Tcw
Tsu Data REV1 REV2
Thd Second data Tplh Last data Tplh
First data
DIO1/2 ( Output )
CLK
Last Tld
LD
Tldt
DIO1/2 ( Input ) LD
Tpsu Tpdh
www..com
Tlds
POL
95%
Odd outputs
5%
Tsr
High-Z
Positive
High-Z
Even outputs
final value precision below 30mV Tst
High-Z
Tst
final value precision below 30mV
Negative
Test point Output load condition : 1K Output
30P
1K
1K
1K
1K
30P
30P
30P
30P
Vcom
Version 1.0
12
October 16, 2001
NT3980 TFT LCD Source Driver
Function operation
CLK DIO1/2 ( Input ) LD
1CLK ( min.) 2CLK ( min.)
1CLK
Data, REV1 REV2
N-2
N-1
N
1
2
3
Last Data
First Data
LD
www..com
POL
Odd Outputs
Vcom
V1 ~V5 V6 ~V10
Even Outputs
Vcom
V1 ~V5 V6 ~V10
Version 1.0
13
October 16, 2001


▲Up To Search▲   

 
Price & Availability of NT3980

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X